Part Number Hot Search : 
BD140 R2A20 BN1L3MM IN74A MDP12N50 16161 R2A20 A7303
Product Description
Full Text Search
 

To Download HFP50N06 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HFP50N06
July 2005
BVDSS = 60 V
HFP50N06
60V N-Channel MOSFET
FEATURES
Originative New Design Superior Avalanche Rugged Technology Robust Gate Oxide Technology Very Low Intrinsic Capacitances Excellent Switching Characteristics Unrivalled Gate Charge : 40 nC (Typ.) Extended Safe Operating Area Lower RDS(ON) : 0.018 (Typ.) @VGS=10V 100% Avalanche Tested
RDS(on) = 18 m ID = 50 A
TO-220
1
2
3
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ, TSTG TL Drain-Source Voltage Drain Current Drain Current Drain Current Gate-Source Voltage
TC=25 unless otherwise specified
Parameter
Value 60
Units V A A A V mJ A mJ V/ns W W/
- Continuous (TC = 25) - Continuous (TC = 100) - Pulsed
(Note 1)
50 35.4 200 25
Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Power Dissipation (TC = 25) - Derate above 25
(Note 2) (Note 1) (Note 1) (Note 3)
490 50 12 7.0 120 0.8 -55 to +175 300
Operating and Storage Temperature Range Maximum lead temperature for soldering purposes, 1/8" from case for 5 seconds
Thermal Resistance Characteristics
Symbol RJC RCS RJA Junction-to-Case Case-to-Sink Junction-to-Ambient Parameter Typ. -0.5 -Max. 1.24 -62.5 /W Units
SEMIHOW REV.A0,July 2005
HFP50N06
Electrical Characteristics TC=25 C
Symbol Parameter
unless otherwise specified
Test Conditions
Min
Typ
Max
Units
On Characteristics
VGS RDS(ON) Gate Threshold Voltage Static Drain-Source On-Resistance VDS = VGS, ID = 250 VGS = 10 V, ID = 25 A 2.0 --0.018 4.0 0.022 V
Off Characteristics
BVDSS Drain-Source Breakdown Voltage VGS = 0 V, ID = 250 ID = 250 , Referenced to25 VDS = 60 V, VGS = 0 V VDS = 48 V, TC = 150 VGS = 25 V, VDS = 0 V VGS = -25 V, VDS = 0 V 60 ------0.06 ------1 10 100 -100 V V/ BVDSS Breakdown Voltage Temperature /TJ Coefficient IDSS IGSSF IGSSR Zero Gate Voltage Drain Current Gate-Body Leakage Current, Forward Gate-Body Leakage Current, Reverse
Dynamic Characteristics
Ciss Coss Crss Input Capacitance Output Capacitance Reverse Transfer Capacitance VDS = 25 V, VGS = 0 V, f = 1.0 MHz ---1600 600 90 2100 780 120
Switching Characteristics
td(on) tr td(off) tf Qg Qgs Qgd Turn-On Time Turn-On Rise Time Turn-Off Delay Time Turn-Off Fall Time Total Gate Charge Gate-Source Charge Gate-Drain Charge
(Note 4,5)
VDS = 30 V, ID = 25 A, RG = 25
--------
15 105 60 65 40 10 17
40 220 130 140 52 ---
nC nC nC
VDS = 48 V, ID = 50 A, VGS = 10 V
(Note 4,5)
Source-Drain Diode Maximum Ratings and Characteristics
IS ISM VSD trr Qrr Continuous Source-Drain Diode Forward Current Pulsed Source-Drain Diode Forward Current Source-Drain Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge IS = 50 A, VGS = 0 V IS = 50 A, VGS = 0 V diF/dt = 100 A/s (Note 4) --------52 75 50 200 1.5 --A V C
Notes ; 1. Repetitive Rating : Pulse width limited by maximum junction temperature 2. L=230H, IAS=50A, VDD=25V, RG=25, Starting TJ =25C 3. ISD50A, di/dt300A/s, VDDBVDSS , Starting TJ =25 C 4. Pulse Test : Pulse Width 300s, Duty Cycle 2% 5. Essentially Independent of Operating Temperature
SEMIHOW REV.A0,July 2005
HFP50N06
Typical Characteristics
ID, Drain Current [A]
ID, Drain Current [A]
VDS, Drain-Source Voltage [V]
VGS, Gate-Source Voltage [V]
Figure 1. On Region Characteristics
Figure 2. Transfer Characteristics
ID, Drain Current [A]
IDR, Reverse Drain Current [A]
RDS(ON)[], Drain-Source On-Resistance
VSD, Source-Drain Voltage [V]
Figure 3. On Resistance Variation vs Drain Current and Gate Voltage
3000
Figure 4. Body Diode Forward Voltage Variation with Source Current and Temperature
12
Capacitances [pF]
2000
Ciss Coss
VGS, Gate-Source Voltage [V]
2500
Ciss = Cgs + Cgd (Cds = shorted) Coss = Cds + Cgd Crss = Cgd
VDS = 30V
10
VDS = 48V
8
1500
Note ; 1. VGS = 0 V 2. f = 1 MHz
6
1000
4
Crss
500
2
Note : ID = 50 A
0 -1 10
0
10
0
10
1
0
10
20
30
40
50
VDS, Drain-Source Voltage [V]
QG, Total Gate Charge [nC]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
SEMIHOW REV.A0,July 2005
HFP50N06
Typical Characteristics
(continued)
1.2
2.5
BVDSS, (Normalized) Drain-Source Breakdown Voltage
RDS(ON), (Normalized) Drain-Source On-Resistance
2.0
1.1
1.5
1.0
1.0
0.9
* Note : 1. VGS = 0 V 2. ID = 250 A
0.5
Note : 1. VGS = 10 V 2. ID = 25 A
0.8 -100
-50
0
50
100
150
200
0.0 -100
-50
0
50
100
150
200
TJ, Junction Temperature [oC]
TJ, Junction Temperature [oC]
Figure 7. Breakdown Voltage Variation vs Temperature
103
Operation in This Area is Limited by R DS(on)
Figure 8. On-Resistance Variation vs Temperature
60
50
ID, Drain Current [A]
ID, Drain Current [A]
102
100 s 1 ms 10 ms 100 ms DC
* Notes : 1. TC = 25 oC 2. TJ = 175 oC 3. Single Pulse
40
30
101
20
10
100 10-1
100
101
102
0 25
50
75
100
125
150
175
VDS, Drain-Source Voltage [V]
TC, Case Temperature [oc]
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current vs Case Temperature
100
Z JC(t), Thermal Response
D=0.5 0.2 0.1
10-1
* Notes : 1. ZJC(t) = 1.24 oC/W Max. 2. Duty Factor, D=t1/t2 3. TJM - TC = PDM * ZJC(t)
0.05 0.02 0.01
PDM
single pulse
t1
10-2 10-1
10-2 10-5
t2
100 101
10-4
10-3
t1, Square Wave Pulse Duration [sec]
Figure 11. Transient Thermal Response Curve
SEMIHOW REV.A0,July 2005
HFP50N06
Fig 12. Gate Charge Test Circuit & Waveform
50K 12V 200nF 300nF
Same Type as DUT VDS
VGS Qg
10V
VGS
Qgs
Qgd
DUT
3mA
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
VDS RG
RL VDD
( 0.5 rated VDS )
VDS
90%
10V
DUT
Vin
10%
td(on) t on
tr
td(off) t off
tf
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
L VDS VDD ID RG DUT VDD BVDSS IAS
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD
ID (t) VDS (t)
tp
10V
Time
SEMIHOW REV.A0,July 2005
HFP50N06
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
DUT + VDS _ IS L Driver RG
Same Type as DUT
VDD
VGS
* dv/dt controlled by RG * IS controlled by pulse period
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
SEMIHOW REV.A0,July 2005
HFP50N06
Package Dimension
TO-220 (A)
9.900.20
3
0 .6
0.
20
4.500.20 1.300.20
15.700.20
2.800.20
9.190.20
6.500.20
13.080.20
0.800.20 2.54typ 2.54typ 0.500.20
3.020.20
1.270.20 1.520.20
2.400.20
SEMIHOW REV.A0,July 2005
HFP50N06
TO-220 (B)
0.20
. 3
84
0
0 .2
4.570.20 1.270.20
15.440.20
2.740.20
9.140.20
6.300.20
2.670.20
13.280.20
1.270.20
2.670.20
0.810.20 2.54typ 2.54typ 0.400.20
SEMIHOW REV.A0,July 2005


▲Up To Search▲   

 
Price & Availability of HFP50N06

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X